PART |
Description |
Maker |
AT83C24-TIRIL AT83C24-TIRIM AT83C24-TIRUL AT83C24- |
GT 3C 3#16S SKT PLUG 32BIT MCU,2KRAM,TPU,QSM Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28 Single Ic = 100 mA SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Rheostat; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Resistance:40ohm SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28
|
Atmel Corp. 微控制器/微处理器 Atmel, Corp.
|
T83C5121 T85C5121 T89C5121 |
C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes ROM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Code RAM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Flash RAM.
|
Atmel
|
AT83C26 AT83C2607 AT83C26_07 |
Multiple Smart Card Reader Interface With Power Management
|
ATMEL[ATMEL Corporation]
|
73S1210F |
Self-Contained Smart Card Reader
|
Teridian Semiconductor
|
TDA8030 TDA8030HL TDA8031 TDA8031HL |
USB smart card reader (OTP or ROM)
|
PHILIPS[Philips Semiconductors]
|
AT89C5122 AT83EC5122 AT85EC5122 AT83EC5123 AT85C51 |
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
|
ATMEL Corporation
|
73S1210F-68IM_F 73S1210F-68IM_F_P 73S1210F-68IMR_F |
Self-Contained Smart Card Reader with PINpad and Power Management
|
Teridian Semiconductor Corporation
|
AT83C5123XXX-RATUM AT89C5122D-ALRUM AT89C5122D-ALT |
C51 Microcontroller with USB and Smart Card Reader Interfaces
|
ATMEL Corporation
|
73S1210F-44MR/F/PD 73S1210F-44M/F/PC 73S1210F-44MR |
Self-Contained Smart Card Reader with PINpad and Power Management
|
MAXIM - Dallas Semiconductor
|
73S1209F-68IM/F 73S1209F-68IMR/F 73S1209F-44IMR/F |
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor Corporation
|
MAX1741EUB MAX1741 MAX1740EUB MAX1740 |
SIM/Smart Card Level Translators in ??AX SIM/Smart-Card Level Translators in µMAX SIM/Smart Card Level Translators in MAX SIM/Smart Card Level Translators in μMAX SIM/Smart Card Level Translators in レMAX SIM/Smart Card Level Translators in uMAX Digital Signal Processors 144-LQFP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
AT83C25OK |
AT83C25OK is based on an Atmel C51 MCU and includes OMNIKEY?firmware. It is a single-chip ready-to-use solution that can be quickly and easily integrated into any PCMCIA smart card reader.
|
Atmel
|